Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download 2SK1984-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1984-01MR
FAP-IIA Series
> Features
High Speed Switching Low On-Resistance No Secondary Breakdown Low Driving Power High Voltage VGS = 30V Guarantee Avalanche Proof
N-channel MOS-FET
900V
4
3A
40W
> Outline Drawing
> Applications
Switching Regulators UPS DC-DC converters General Purpose Power Amplifier
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Drain-Gate-Voltage(RGS=20K) Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS V DGR ID I D(puls) V GS PD T ch T stg Rating 900 900 3 12 30 40 150 -55 ~ +150 Unit V V A A V W C C
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Continous Reverse Drain Current Pulsed Reverse Drain Current Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t I I I V t Q
GSS DS(on) fs iss oss rss d(on) r d(off) f AV DR DRM SD rr rr
Test conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=900V Tch=25C VGS=0V Tch=125C VGS=30V VDS=0V ID=1,5A VGS=10V ID=1,5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=3A VGS=10V RGS=10 L=100H Tch=25C
Min. 900 2,5
Typ. 3,0 10 0,2 10 2,5 4 1000 90 25 20 10 60 15
Max. 3,5 500 1,0 100 4 1500 135 40 30 15 90 25 3 12 1,47
2
3
IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
0,98 400 2,5
Unit V V A mA nA S pF pF pF ns ns ns ns A A A V ns C
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 62,5 3,125
Unit C/W C/W
FUJI ELECTRIC GmbH; Lyoner Strae 26; D-60528 Frankfurt; Tel: 069-66 90 29-0; Fax: 069-66 90 29-56
N-channel MOS-FET
900V
4
2SK1984-01MR
FAP-IIA Series
Drain-Source-On-State Resistance vs. Tch Typical Transfer Characteristics
3A
40W
> Characteristics
Typical Output Characteristics
ID [A]
1
RDS(ON) []
2
ID [A]
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(ON) []
4
gfs [S]
5
VGS(th) [V]
6
ID [A]
ID [A]
Tch [C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
C [nF]
7
VDS [V]
8
VGS [V]
IF [A]
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Zth(ch-c) [K/W]
Transient Thermal impedance
PD [W]
10
ID [A]
12
11
Tc [C]
VDS [V]
t [s]
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SK1984-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X